PART |
Description |
Maker |
ADV473 ADV473KP110 ADV473KP135 ADV473KP66 ADV473KP |
CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
|
AD[Analog Devices]
|
ADV473 |
CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC(三通道,8位视频RAM-DAC)
|
Analog Devices, Inc.
|
VCUNCB-44.736 VDUNCB-44.736 VCLNCB-44.736 VDLNCB-4 |
VCXO, CLOCK, 3.686 MHz, CMOS/TTL OUTPUT Voltage Controlled Crystal Oscillator VCXO, CLOCK, 1.024 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 12.288 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 13 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 18.432 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 2 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 34.368 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 4 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 49.152 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 40.96 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 2.048 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 20.48 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 19.44 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 40 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 61.44 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 44.736 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 6.4 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 15.44 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 5 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 3.088 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 4.434 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 4.096 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 4.032 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 1.544 MHz, CMOS/TTL OUTPUT
|
Vectron International, Inc
|
ATT20C490 ATT20C493 |
(ATT20C493 / ATT20C490) True-Color CMOS RAMDACs
|
Agere Systems
|
1-FHF-12M288 1-FHF-10M000 2-ANF-20M000 1-FHF-13M00 |
VCXO, CLOCK, 19.44 MHz, CMOS OUTPUT VCXO, CLOCK, 12.288 MHz, CMOS OUTPUT VCXO, CLOCK, 13 MHz, CMOS OUTPUT VCXO, CLOCK, 16.384 MHz, CMOS OUTPUT VCXO, CLOCK, 15.44 MHz, CMOS OUTPUT VCXO, CLOCK, 35.328 MHz, CMOS OUTPUT VCXO, CLOCK, 30 MHz, CMOS OUTPUT VCXO, CLOCK, 20 MHz, CMOS OUTPUT VCXO, CLOCK, 1.544 MHz, CMOS OUTPUT VCXO, CLOCK, 32.768 MHz, CMOS OUTPUT VCXO, CLOCK, 51.84 MHz, CMOS OUTPUT VCXO, CLOCK, 10 MHz, CMOS OUTPUT VCXO, CLOCK, 12 MHz, CMOS OUTPUT VCXO, CLOCK, 14.318 MHz, CMOS OUTPUT VCXO, CLOCK, 40 MHz, CMOS OUTPUT VCXO, CLOCK, 18.432 MHz, CMOS OUTPUT VCXO, CLOCK, 12.352 MHz, CMOS OUTPUT VCXO, CLOCK, 44.736 MHz, CMOS OUTPUT VCXO, CLOCK, 27 MHz, CMOS OUTPUT VCXO, CLOCK, 24.576 MHz, CMOS OUTPUT VCXO, CLOCK, 65.536 MHz, CMOS OUTPUT VCXO, CLOCK, 40.96 MHz, CMOS OUTPUT
|
VECTRON INTERNATIONAL
|
M57785L |
135 MHz - 150 MHz RF/MICROWAVE NARROW BAND HIGH POWER AMPLIFIER
|
|
MAX8550AETI |
Intergrated DDR Power-Solution for Desktops, Notebooks, and Graphi Bill
|
Maxim Integrated Products, Inc.
|
821-IF135.0M-10A |
135.0 MHz IF SAW Filter 10.15 MHz Bandwidth
|
Oscilent Corporation
|
ADV7129KS ADV7129 |
192-Bit, 360 MHz True-Color Video DAC with Onboard PLL(192360MHz,真彩色视频D/A转换
|
Analog Devices, Inc.
|
TCXO-501-DAE-106 TCXO-501-EAR-156 TCXO-501-EAK-156 |
Temperature Compensated Crystal Oscillator TCVCXO, CLOCK, 46 MHz, CMOS OUTPUT TCVCXO, CLOCK, 44 MHz, CMOS OUTPUT TCVCXO, CLOCK, 48 MHz, CMOS OUTPUT TCVCXO, CLOCK, 12.352 MHz, CMOS OUTPUT TCVCXO, CLOCK, 10 MHz, CMOS OUTPUT TCVCXO, CLOCK, 19.2 MHz, CMOS OUTPUT TCVCXO, CLOCK, 12.8 MHz, CMOS OUTPUT TCVCXO, CLOCK, 15.36 MHz, CMOS OUTPUT TCVCXO, CLOCK, 19.6608 MHz, CMOS OUTPUT TCVCXO, CLOCK, 11 MHz, CMOS OUTPUT TCVCXO, CLOCK, 14.31818 MHz, CMOS OUTPUT TCVCXO, CLOCK, 25.165824 MHz, CMOS OUTPUT TCVCXO, CLOCK, 16.8 MHz, CMOS OUTPUT TCVCXO, CLOCK, 30.08 MHz, CMOS OUTPUT TCVCXO, CLOCK, 20 MHz, CMOS OUTPUT TCVCXO, CLOCK, 13 MHz, CMOS OUTPUT TCVCXO, CLOCK, 50 MHz, CMOS OUTPUT TCVCXO, CLOCK, 8.75 MHz, CMOS OUTPUT TCVCXO, CLOCK, 10.23 MHz, CMOS OUTPUT
|
Vectron International, Inc http://
|
ADP121-ACBZ29R7 ADP121-ACBZ30R7 ADP121-ACBZ33R7 AD |
2.775 V FIXED POSITIVE LDO REGULATOR, 0.135 V DROPOUT, PBGA4 150 mA, Low Quiescent Current, CMOS Linear Regulator 1.6 V FIXED POSITIVE LDO REGULATOR, 0.135 V DROPOUT, PBGA4 0.40 MM PITCH, ROHS COMPLIANT, WLCSP-4 1.55 V FIXED POSITIVE LDO REGULATOR, 0.135 V DROPOUT, PBGA4 0.40 MM PITCH, ROHS COMPLIANT, WLCSP-4 1.65 V FIXED POSITIVE LDO REGULATOR, 0.135 V DROPOUT, PBGA4 0.40 MM PITCH, ROHS COMPLIANT, WLCSP-4
|
ANALOG DEVICES INC Analog Devices, Inc.
|
|